PART |
Description |
Maker |
APSINT2424 |
PowerVerter APS INT 2400W 24VDC 230V
|
Tripp Lite. All Rights ...
|
KG44-1R0A2OXA266XCV01 KG44-1R3A2OXA266XCV01 KG44-1 |
ROCKER SWITCH, DP3T, LATCHED AND MOMENTARY, 8A, 12VDC, PANEL MOUNT ROCKER SWITCH, SPST, LATCHED, 15A, 12VDC, PANEL MOUNT ROCKER SWITCH, SPDT, LATCHED AND MOMENTARY, 10A, 12VDC, PANEL MOUNT
|
Ohmite Mfg. Co.
|
RY41PI230VAC RY41PI12DC |
RELAY 4 DPCO 12VDC 继电 DPCO 12Vdc RELAY 4 DPCO 230VAC 继电 DPCO交流
|
ELESTA relays GmbH Carlo Gavazzi
|
DAN803 DAP803 DA4148 DA4148A DA4148K |
Switch Mode Power Supply; Output Power:10W; No. of Outputs:2; Output 1 VDC :12VDC; Output Current 1:0.45A; Output 2 VDC -:12VDC; Power Supply Mounting:PC Board; Leaded Process Compatible:No; Output Current:0.45A RoHS Compliant: Yes Small Signal Diode Arrays
|
DIOTEC SEMICONDUCTOR AG DIOTEC[Diotec Semiconductor] Diotec Elektronische
|
BGO847_SC0 BGO847_FC0 BGO847 BGO847/FC0 BGO847/SC0 |
Optical receiver modules 光接收模 AC/DC Power Supply; Output Power:40W; No. of Outputs:3; Output 1 VDC :5.1VDC; Output Current 1:5A; Output 2 VDC -:12VDC; Output 3 VDC:12VDC; Power Supply Mounting:Chassis; Leaded Process Compatible:Yes; Output Current 2:0.5A RoHS Compliant: Yes Optical receiver module(光接收器模块)
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
PWR6011 PWR6016 PWR6018 PWR6010 PWR6012 PWR6017 PW |
1.8 Watt regulated DC/DC converter. Nom.input voltage 15VDC, rated output voltage 5VDC, rated output current 360mA. 1.8 Watt regulated DC/DC converter. Nom.input voltage 12VDC, rated output voltage -15VDC, rated output current -60mA. 1.8 Watt regulated DC/DC converter. Nom.input voltage 12VDC, rated output voltage -12VDC, rated output current -75mA. 1.8 Watt regulated DC/DC converter. Nom.input voltage 12VDC, rated output voltage 5VDC, rated output current 360mA. 1.8 Watt regulated DC/DC converter. Nom.input voltage 5VDC, rated output voltage -15VDC, rated output current -60mA. 1.8 Watt regulated DC/DC converter. Nom.input voltage 5VDC, rated output voltage -12VDC, rated output current -75mA. 1.8 Watt regulated DC/DC converter. Nom.input voltage 5VDC, rated output voltage 5VDC, rated output current 360mA. Analog IC 模拟IC 1.8 WATT UNREGULATED DC/DC CONVERTER 2-OUTPUT 1.8 W DC-DC REG PWR SUPPLY MODULE DIODE ZENER SINGLE 500mW 2.5Vz 20mA-Izt 0.05 100uA-Ir 1Vr DO35-GLASS 5K/AMMO 2-OUTPUT 1.8 W DC-DC REG PWR SUPPLY MODULE
|
Molex, Inc. Bourns, Inc. CANDD[C&D Technologies]
|
2-1419104-1 3-1419104-3 |
LEISTUNGSRELAIS FLACHSTECKANS24VDC LEISTUNGSRELAIS FLACHSTECKANS 12VDC LEISTUNGSRELAIS FLACHSTECKANS 12Vdc
|
TE Connectivity, Ltd.
|
STJW-667-RTR STJW-690-NTR STHW-660-N BOURNSINC-STM |
Sealed Tact Switch KEYPAD SWITCH, SPST, MOMENTARY-TACTILE, 0.05A, 12VDC, 3.04 N, SURFACE MOUNT-STRAIGHT Sealed Tact Switch KEYPAD SWITCH, SPST, MOMENTARY-TACTILE, 0.05A, 12VDC, 2.06 N, SURFACE MOUNT-STRAIGHT Switches 6mm SQ PC TACT KEYPAD SWITCH, SPST, MOMENTARY-TACTILE, 0.05A, 12VDC, 2.06 N, THROUGH HOLE-STRAIGHT
|
Bourns, Inc.
|
R554062102 R554742130 R554742040 R554742103 R55474 |
RF COAXIAL RELAY, DPDT, LATCHED, 0.6A (COIL), 12VDC (COIL), 7200mW (COIL), 18000MHz, PANEL MOUNT RF COAXIAL RELAY, DPDT, LATCHED, 0.6A (COIL), 12VDC (COIL), 7200mW (COIL), 4000MHz, PANEL MOUNT RF COAXIAL RELAY, DPDT, LATCHED, 0.6A (COIL), 12VDC (COIL), 7200mW (COIL), 12400MHz, PANEL MOUNT
|
RADIALL S A
|
AGQ100-48S12-6Y |
48Vdc Input,12Vdc 8.3A Output
|
Emerson Network Power
|
JS1-12V-F |
ELECTROMECHANICAL RELAY SPDT 10/5A 12VDC 400Ohm PC Board
|
Panasonic
|
BWL-3A4A01H |
12VDC 4W AlInGaN White Low power consumption.
|
BRIGHT LED ELECTRONICS CORP
|
|